Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC50L Datasheet (PDF) - Vishay Siliconix

REC50L Datasheet PDF - Vishay Siliconix
Part # REC50L
Download  REC50L Download

File Size   89.65 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, up to 300 mm

REC50L Datasheet (PDF)

Go To PDF Page Download Datasheet
REC50L Datasheet PDF - Vishay Siliconix

Part # REC50L
Download  REC50L Click to download

File Size   89.65 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic, up to 300 mm

REC50L Datasheet (HTML) - Vishay Siliconix

REC50L Datasheet HTML 1Page - Vishay Siliconix REC50L Datasheet HTML 2Page - Vishay Siliconix REC50L Datasheet HTML 3Page - Vishay Siliconix REC50L Datasheet HTML 4Page - Vishay Siliconix

REC50L Product details

• Measurement range 25 mm to 300 mm
• High accuracy ± 1 % down to ± 0.025 %
• Essentially infinite resolution
• Long life
• Sealed on request




Similar Part No. - REC50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC50L VISHAY-REC50L Datasheet
86Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
01-Jan-2022
REC50L3D103W...E1 VISHAY-REC50L3D103W...E1 Datasheet
86Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
01-Jan-2022
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
01-Jan-2022
More results


Similar Description - REC50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC50L VISHAY-REC50L_V01 Datasheet
86Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
01-Jan-2022
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
   Precision Linear Transducers, Conductive Plastic, Up to 150 mm
01-Jan-2022
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mms
01-Jan-2022
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 1000 mms
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 1000 mm
Revision: 26-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com