|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.com , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5985A - ZENER DIODES - SynSemi, Inc. |
|
Click 1N5985A to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CZRT5221-G | Surface Mount Zener Diodes | Comchip Technology |
| SZ25A2.4 | 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES | Solid States Devices, Inc |
| GSMBZ5221B | ZENER DIODES | GTM CORPORATION |
| BZX84C2V4 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| MMBZ5V6A | SMALL SIGNAL ZENER DIODES 300m WATTS 3-26 VOLTS | Weitron Technology |
| 1SMC5334 | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| BZX84B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| GQZJ2.0 | SURFACE MOUNT ZENER DIODES | Pan Jit International Inc. |
| MMSZ5229A | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| 1N5221B | ZENER DIODES | Galaxy Semi-Conductor Holdings Limited |
Link URL |
|
|
Related keyword |
| 1N5985A Datasheet | 1N5985A Cross Reference | 1N5985A Schematic | 1N5985A Distributor | 1N5985A Datenblatt | 1N5985A RoHS |
| 1N5985A Equivalent | 1N5985A Application Notes | 1N5985A Data Sheet | 1N5985A component | 1N5985A Fiche Technique | 1N5985A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |