Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXUC100N055 Datasheet (PDF) - IXYS Corporation

IXUC100N055 Datasheet PDF - IXYS Corporation
Part # IXUC100N055
Download  IXUC100N055 Download

File Size   575.61 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Electrically Isolated Back Surface

IXUC100N055 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXUC100N055 Datasheet PDF - IXYS Corporation

Part # IXUC100N055
Download  IXUC100N055 Click to download

File Size   575.61 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Electrically Isolated Back Surface

IXUC100N055 Datasheet (HTML) - IXYS Corporation

IXUC100N055 Datasheet HTML 1Page - IXYS Corporation IXUC100N055 Datasheet HTML 2Page - IXYS Corporation

IXUC100N055 Product details

Trench Power MOSFET ISOPLUS220™

Electrically Isolated Back Surface

Features
• Silicon chip on Direct-Copper-Bond substrate
   - High power dissipation
   - Isolated mounting surface
   - 2500V electrical isolation
• Trench MOSFET
   - very low RDS(on)
   - fast switching
   - usable intrinsic reverse diode
• Low drain to tab capacitance(<15pF)
• Unclamped Inductive Switching (UIS) rated

Applications
• Automotive 42V and 12V systems
   - electronic switches to replace relays & fuses
   - choppers to replace series dropping resistors used for motors, heaters, etc.
   - inverters for AC drives
   - DC-DC converters, e.g. 12V to 42V, etc.
• Power supplies
   - DC - DC converters
   - Solar inverters
• Battery powered systems
   - choppers or inverters for motor control in hand tools
   - battery chargers

Advantages
• Easy assembly: no screws or isolation foils required
• Space savings
• High power density




Similar Part No. - IXUC100N055

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXUC120N10 IXYS-IXUC120N10 Datasheet
56Kb / 2P
   Trench Power MOSFET ISOPLUS220
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
   Trench Power MOSFET
logo
Inchange Semiconductor ...
IXUC160N075 ISC-IXUC160N075 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - IXUC100N055

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
   Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
   Electrically Isolated Back Surface
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
   HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
   Lightspeed 2TM Series (Electrically Isolated Back Surface)
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
   Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
   Electrically Isolated Back Surface Single MOSFET Die
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com