Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA07S0300A Datasheet (PDF) - Delta Electronics, Inc.

AA07S0300A Datasheet PDF - Delta Electronics, Inc.
Part # AA07S0300A
Download  AA07S0300A Download

File Size   212.8 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 7W Single Output AC/DC converter

AA07S0300A Datasheet (PDF)

Go To PDF Page Download Datasheet
AA07S0300A Datasheet PDF - Delta Electronics, Inc.

Part # AA07S0300A
Download  AA07S0300A Click to download

File Size   212.8 Kbytes
Page   5 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 7W Single Output AC/DC converter

AA07S0300A Datasheet (HTML) - Delta Electronics, Inc.

AA07S0300A Datasheet HTML 1Page - Delta Electronics, Inc. AA07S0300A Datasheet HTML 2Page - Delta Electronics, Inc. AA07S0300A Datasheet HTML 3Page - Delta Electronics, Inc. AA07S0300A Datasheet HTML 4Page - Delta Electronics, Inc. AA07S0300A Datasheet HTML 5Page - Delta Electronics, Inc.

AA07S0300A Product details

The AA07S series , isolated fully encapsulated 7W AC/DC power module with 3,000VAC isolation. With Universal input voltage 85-264VAC and International safety approvals, these power modules are ideal for applications in commercial and industrial electronic equipment. These isolated AC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc.

FEATURES
♦ Ultra-compact AC-DC power supp ly for PCB Mounting
♦ Over Load and Over Voltage Protection
♦ EMI meets EN55022, Class B and EMS compliance to EN61000-4
♦ Universal Input voltage range 85-264 VAC, 47-440 Hz
♦ 3kVAC Isolatoin ,Protection Class ll level
♦ UL/IEC/EN 60950-1 Certified , CE Marked
♦ Lead free, RoHs Compliant
♦ 3 Years Product Warranty




Similar Part No. - AA07S0300A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA07S0300A DELTA-AA07S0300A Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
More results


Similar Description - AA07S0300A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
logo
Chinfa Electronics Ind....
KAS07 CHINFA-KAS07 Datasheet
173Kb / 4P
   AC-DC POWER MODULE 7W SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
   Single Output AC/DC Converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
   3 W AC/DC CONVERTER SINGLE OUTPUT
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
   Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07_16 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
   5-25 Watts AC/DC Converter Single Output
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com