Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5511279A-A Datasheet (PDF) - California Eastern Labs

NE5511279A-A Datasheet PDF - California Eastern Labs
Part # NE5511279A-A
Download  NE5511279A-A Download

File Size   297.41 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET

NE5511279A-A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5511279A-A Datasheet PDF - California Eastern Labs

Part # NE5511279A-A
Download  NE5511279A-A Click to download

File Size   297.41 Kbytes
Page   4 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET

NE5511279A-A Datasheet (HTML) - California Eastern Labs

NE5511279A-A Datasheet HTML 1Page - California Eastern Labs NE5511279A-A Datasheet HTML 2Page - California Eastern Labs NE5511279A-A Datasheet HTML 3Page - California Eastern Labs NE5511279A-A Datasheet HTML 4Page - California Eastern Labs



Similar Part No. - NE5511279A-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5511279A-T1 RENESAS-NE5511279A-T1 Datasheet
272Kb / 10P
   SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5511279A-T1-A CEL-NE5511279A-T1-A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1A NEC-NE5511279A-T1A Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5511279A-T1A RENESAS-NE5511279A-T1A Datasheet
272Kb / 10P
   SILICON POWER MOS FET
2003
More results


Similar Description - NE5511279A-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
California Eastern Labs
NE5511279A CEL-NE5511279A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE5520279A NEC-NE5520279A Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
California Eastern Labs
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
   NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
UPD5702TU CEL-UPD5702TU Datasheet
176Kb / 4P
   NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com