Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB13N10T4G Datasheet (PDF) - ON Semiconductor

NTB13N10T4G Datasheet PDF - ON Semiconductor
Part # NTB13N10T4G
Download  NTB13N10T4G Download

File Size   83.0 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK

NTB13N10T4G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB13N10T4G Datasheet PDF - ON Semiconductor

Part # NTB13N10T4G
Download  NTB13N10T4G Click to download

File Size   83.0 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK

NTB13N10T4G Datasheet (HTML) - ON Semiconductor

NTB13N10T4G Datasheet HTML 1Page - ON Semiconductor NTB13N10T4G Datasheet HTML 2Page - ON Semiconductor NTB13N10T4G Datasheet HTML 3Page - ON Semiconductor NTB13N10T4G Datasheet HTML 4Page - ON Semiconductor NTB13N10T4G Datasheet HTML 5Page - ON Semiconductor NTB13N10T4G Datasheet HTML 6Page - ON Semiconductor NTB13N10T4G Datasheet HTML 7Page - ON Semiconductor NTB13N10T4G Datasheet HTML 8Page - ON Semiconductor



Similar Part No. - NTB13N10T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
   Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
More results


Similar Description - NTB13N10T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB13N10 ONSEMI-NTB13N10 Datasheet
77Kb / 8P
   Power MOSFET 100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTP13N10 ONSEMI-NTP13N10 Datasheet
210Kb / 7P
   Power MOSFET 13 A, 100 V, N?묬hannel Enhancement?묺ode TO??20
August, 2006 ??Rev. 6
NTY100N10 ONSEMI-NTY100N10_06 Datasheet
162Kb / 8P
   Power MOSFET 123 A, 100 V N?묬hannel Enhancement?묺ode TO264 Package
March, 2006 ??Rev. 2
NTB52N10 ONSEMI-NTB52N10 Datasheet
79Kb / 8P
   N-Channel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 3
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
   Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
IRF530 ONSEMI-IRF530 Datasheet
192Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com