Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2135SPBF Datasheet (PDF) - International Rectifier

IR2135SPBF Datasheet PDF - International Rectifier
Part # IR2135SPBF
Download  IR2135SPBF Download

File Size   433.98 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE BRIDGE DRIVER

IR2135SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2135SPBF Datasheet PDF - International Rectifier

Part # IR2135SPBF
Download  IR2135SPBF Click to download

File Size   433.98 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE BRIDGE DRIVER

IR2135SPBF Datasheet (HTML) - International Rectifier

Back Button IR2135SPBF Datasheet HTML 1Page - International Rectifier IR2135SPBF Datasheet HTML 2Page - International Rectifier IR2135SPBF Datasheet HTML 3Page - International Rectifier IR2135SPBF Datasheet HTML 4Page - International Rectifier IR2135SPBF Datasheet HTML 5Page - International Rectifier IR2135SPBF Datasheet HTML 6Page - International Rectifier IR2135SPBF Datasheet HTML 7Page - International Rectifier IR2135SPBF Datasheet HTML 8Page - International Rectifier IR2135SPBF Datasheet HTML 9Page - International Rectifier IR2135SPBF Datasheet HTML 10Page - International Rectifier Next Button 

IR2135SPBF Product details

Description
The IR2133IR2135/IR2233IR2355 (J&S) are high voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels for 3-phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 2.5V logic. An independent operational amplifier provides an analog feedback of bridge current via an external current sense resistor.

Features
• Floating channel designed for bootstrap operation
   Fully operational to +600V or+1200V Tolerant to negative transient voltage dV/dt immune
• Gate drive supply range from 10V/12V to 20V DC and up to 25V for transient
• Undervoltage lockout for all channels
• Over-current shut down turns off all six drivers
• Independent 3 half-bridge drivers
• Matched propagation delay for all channels
• 2.5V logic compatible
• Outputs out of phase with inputs
• All parts are also available LEAD-FREE




Similar Part No. - IR2135SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2135S IRF-IR2135S Datasheet
218Kb / 12P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2135S INFINEON-IR2135S Datasheet
436Kb / 27P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results


Similar Description - IR2135SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com