Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFR44N50Q3 Datasheet (PDF) - IXYS Corporation

IXFR44N50Q3 Datasheet PDF - IXYS Corporation
Part # IXFR44N50Q3
Download  IXFR44N50Q3 Download

File Size   154.73 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Preliminary Technical Information

IXFR44N50Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFR44N50Q3 Datasheet PDF - IXYS Corporation

Part # IXFR44N50Q3
Download  IXFR44N50Q3 Click to download

File Size   154.73 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Preliminary Technical Information

IXFR44N50Q3 Datasheet (HTML) - IXYS Corporation

IXFR44N50Q3 Datasheet HTML 1Page - IXYS Corporation IXFR44N50Q3 Datasheet HTML 2Page - IXYS Corporation IXFR44N50Q3 Datasheet HTML 3Page - IXYS Corporation IXFR44N50Q3 Datasheet HTML 4Page - IXYS Corporation IXFR44N50Q3 Datasheet HTML 5Page - IXYS Corporation

IXFR44N50Q3 Product details

N-Channel Enhancement Mode Fast Intrinsic Rectifier



VDSS = 500V

ID25 = 25A

RDS(on) ≤154mΩ

trr ≤250ns



Features

Silicon Chip on Direct-Copper Bond (DCB) Substrate

Isolated Mounting Surface

Low Intrinsic Gate Resistance

2500V~ Electrical Isolation

Fast Intrinsic Rectifier

Avalanche Rated

Low Package Inductance




Similar Part No. - IXFR44N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR44N50Q IXYS-IXFR44N50Q Datasheet
58Kb / 2P
   HiPerFET Power MOSFETs ISOPLUS247 Q-Class
IXFR44N50Q IXYS-IXFR44N50Q_03 Datasheet
540Kb / 4P
   HiPerFET Power MOSFETs ISOPLUS247, Q-Class
More results


Similar Description - IXFR44N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com