Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR100 Datasheet (PDF) - Extech Instruments Corporation.

BR100 Datasheet PDF - Extech Instruments Corporation.
Part # BR100
Download  BR100 Download

File Size   110.05 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Video Borescope Inspection Camera

BR100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR100 Datasheet PDF - Extech Instruments Corporation.

Part # BR100
Download  BR100 Click to download

File Size   110.05 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Video Borescope Inspection Camera

BR100 Datasheet (HTML) - Extech Instruments Corporation.

BR100 Datasheet HTML 1Page - Extech Instruments Corporation.

BR100 Product details

17mm camera diameter and 2.4" Color TFT LCD Monitor with video output for viewing on any monitor with a video input jack

Features:
• 17mm diameter camera head with 39" (1m) flexible gooseneck cable retains configured shape
• Mini water-proof (IP67) camera head for high resolution viewing
• Two bright LED lamps with dimmer to illuminate viewed object
• Glare-free close-up field of view
• Display detaches for easy storage
• Optional BR200-EXT extension cable available for increasing viewing depth; 19mm diameter connector and 37" (0.95m) cable length; maximum 2 extension cables can be connected to the borescope
• Complete with 4 AA batteries, extension tools (mirror, hook, magnet), video output jack, and hard case

Applications:
• Home inspection: Inspect in walls for mold, insect infestation, electrical wire or water pipe location
• HVAC: Inspect inside ducts, behind motors and compressors
• Automotive: View inside or around engines and transmissions
• Government: Safety and security inspections
• Industrial: Inspect weld integrity, process equipment, gears, molding machines
• Aerospace: Aircraft inspections for contamination, debris, cracks or other damage




Similar Part No. - BR100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR100 PHILIPS-BR100 Datasheet
14Kb / 3P
   Silicon Bi-directional Trigger Device
February 1996 Rev 1.000
logo
Arch Electronics Corp.
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Diotec Semiconductor
BR100-03 DIOTEC-BR100-03 Datasheet
90Kb / 2P
   Bidirectional Si-Trigger-Diodes
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
96Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
142Kb / 2P
   SMD Trigger-Diodes
More results


Similar Description - BR100

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
BR150 EXTECH-BR150 Datasheet
238Kb / 1P
   Video Borescope Inspection Camera
BR70 EXTECH-BR70 Datasheet
160Kb / 1P
   Video Borescope Inspection Camera
BR80 EXTECH-BR80 Datasheet
165Kb / 1P
   Video Borescope Inspection Camera
BR250 EXTECH-BR250 Datasheet
175Kb / 1P
   Video Borescope/Wireless Inspection Camera
BR200 EXTECH-BR200 Datasheet
175Kb / 1P
   Video Borescope/Wireless Inspection Camera
BR350 EXTECH-BR350 Datasheet
594Kb / 1P
   Waterproof Borescope/Inspection Cameras
BR300 EXTECH-BR300 Datasheet
594Kb / 1P
   Waterproof Borescope/Inspection Cameras
BR200-EXT EXTECH-BR200-EXT Datasheet
266Kb / 1P
   Video Borescope Extension Cable
HDV610 EXTECH-HDV610 Datasheet
298Kb / 1P
   High Definition VideoScope Inspection Camera Kits
HDV620 EXTECH-HDV620 Datasheet
298Kb / 1P
   High Definition VideoScope Inspection Camera Kits
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com