Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448GP Datasheet (PDF) - SUNMATE electronic Co., LTD

BY448GP Datasheet PDF - SUNMATE electronic Co., LTD
Part # BY448GP
Download  BY448GP Download

File Size   116.47 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Sintered Class Junction Plastic Rectifier

BY448GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BY448GP Datasheet PDF - SUNMATE electronic Co., LTD

Part # BY448GP
Download  BY448GP Click to download

File Size   116.47 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 2.0A Axial Leaded Sintered Class Junction Plastic Rectifier

BY448GP Datasheet (HTML) - SUNMATE electronic Co., LTD

BY448GP Datasheet HTML 1Page - SUNMATE electronic Co., LTD BY448GP Datasheet HTML 2Page - SUNMATE electronic Co., LTD

BY448GP Product details

Features
• High temperature metallurgically bonded construction
• Sintered glass cavity free junction
• Capability of meeting environmental standard of MIL-S-19500
• High temperature soldering guaranteed 350°C /10sec/0.375”lead length at 5 lbs tension
• Operate at Ta =55°C with no thermal run away
• Typical Ir<0.1µA




Similar Part No. - BY448GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
   Miniature Clamper/Damper Glass Passivated Rectifier
Revision: 15-Mar-11
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
79Kb / 5P
   Miniature Clamper / Damper Glass Passivated Rectifier
01-Jan-2022
BY448GP VISHAY-BY448GP_15 Datasheet
78Kb / 5P
   Miniature Clamper/Damper Glass Passivated Fast Rectifier
Revision: 24-Jul-13
More results


Similar Description - BY448GP

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
   3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
GP20A SUNMATE-GP20A Datasheet
243Kb / 3P
   2.0A Axial Leaded Sintered Glass Passivated Rectifier
BYW178 SUNMATE-BYW178 Datasheet
153Kb / 2P
   3.0A Axial Leaded Sintered Glass Junction
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
logo
Gulf Semiconductor
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
SUNMATE electronic Co.,...
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com