Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS-32-40-SA Datasheet (PDF) - Bruckewell Technology LTD

BWS-32-40-SA Datasheet PDF - Bruckewell Technology LTD
Part # BWS-32-40-SA
Download  BWS-32-40-SA Download

File Size   303.16 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 32mil 40V Standard Barrier

BWS-32-40-SA Datasheet (PDF)

Go To PDF Page Download Datasheet
BWS-32-40-SA Datasheet PDF - Bruckewell Technology LTD

Part # BWS-32-40-SA
Download  BWS-32-40-SA Click to download

File Size   303.16 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 32mil 40V Standard Barrier

BWS-32-40-SA Datasheet (HTML) - Bruckewell Technology LTD

BWS-32-40-SA Datasheet HTML 1Page - Bruckewell Technology LTD



Similar Part No. - BWS-32-40-SA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-32-100-MA BWTECH-BWS-32-100-MA Datasheet
586Kb / 1P
   32mil 100V High Barrier
More results


Similar Description - BWS-32-40-SA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-32-100-MA BWTECH-BWS-32-100-MA Datasheet
586Kb / 1P
   32mil 100V High Barrier
BWS-40-40-SA BWTECH-BWS-40-40-SA Datasheet
302Kb / 1P
   40mil 40V Standard Barrier
BWS-28-40-SA BWTECH-BWS-28-40-SA Datasheet
306Kb / 1P
   28mil 40V Standard Barrier
BWS-60-40-SA BWTECH-BWS-60-40-SA Datasheet
294Kb / 1P
   60mil 40V Standard VF
BWS-65-40-SA BWTECH-BWS-65-40-SA Datasheet
296Kb / 1P
   65mil 40V Standard VF
logo
Sanken electric
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
   Schottky Barrier Diodes 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 40V, 15A
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
   Schottky Barrier Diode(40V 15A)
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com