Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS-32-100-MA Datasheet (PDF) - Bruckewell Technology LTD

BWS-32-100-MA Datasheet PDF - Bruckewell Technology LTD
Part # BWS-32-100-MA
Download  BWS-32-100-MA Download

File Size   586.62 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 32mil 100V High Barrier

BWS-32-100-MA Datasheet (PDF)

Go To PDF Page Download Datasheet
BWS-32-100-MA Datasheet PDF - Bruckewell Technology LTD

Part # BWS-32-100-MA
Download  BWS-32-100-MA Click to download

File Size   586.62 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 32mil 100V High Barrier

BWS-32-100-MA Datasheet (HTML) - Bruckewell Technology LTD

BWS-32-100-MA Datasheet HTML 1Page - Bruckewell Technology LTD



Similar Part No. - BWS-32-100-MA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-32-40-SA BWTECH-BWS-32-40-SA Datasheet
303Kb / 1P
   32mil 40V Standard Barrier
More results


Similar Description - BWS-32-100-MA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-32-40-SA BWTECH-BWS-32-40-SA Datasheet
303Kb / 1P
   32mil 40V Standard Barrier
BWS-45-100-MA BWTECH-BWS-45-100-MA Datasheet
303Kb / 1P
   45mil 100V High Barrier
logo
PACELEADER INDUSTRIAL
MBR10100CT PACELEADER-MBR10100CT Datasheet
358Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
logo
Shindengen Electric Mfg...
D5FY10ST SHINDENGEN-D5FY10ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 100V, 5A
D10FY10ST SHINDENGEN-D10FY10ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 100V, 10A
D10FY10SY SHINDENGEN-D10FY10SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 100V, 10A
logo
PACELEADER INDUSTRIAL
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 100V
logo
Shindengen Electric Mfg...
D15FY10SY SHINDENGEN-D15FY10SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 100V, 15A
D5FY10SY SHINDENGEN-D5FY10SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 100V, 5A
D15FY10ST SHINDENGEN-D15FY10ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 100V, 15A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com