Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS-65-100-MA Datasheet (PDF) - Bruckewell Technology LTD

BWS-65-100-MA Datasheet PDF - Bruckewell Technology LTD
Part # BWS-65-100-MA
Download  BWS-65-100-MA Download

File Size   303.54 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 65mil 100V High Tj

BWS-65-100-MA Datasheet (PDF)

Go To PDF Page Download Datasheet
BWS-65-100-MA Datasheet PDF - Bruckewell Technology LTD

Part # BWS-65-100-MA
Download  BWS-65-100-MA Click to download

File Size   303.54 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 65mil 100V High Tj

BWS-65-100-MA Datasheet (HTML) - Bruckewell Technology LTD

BWS-65-100-MA Datasheet HTML 1Page - Bruckewell Technology LTD



Similar Part No. - BWS-65-100-MA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-65-40-SA BWTECH-BWS-65-40-SA Datasheet
296Kb / 1P
   65mil 40V Standard VF
More results


Similar Description - BWS-65-100-MA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10EDA10 NIEC-10EDA10 Datasheet
34Kb / 5P
   DIODE - 1A 100V TJ = 150C
10DDA10 NIEC-10DDA10 Datasheet
41Kb / 5P
   DIODE - 1A 100V TJ=150C
10JDA10 NIEC-10JDA10 Datasheet
40Kb / 5P
   DIODE - 1A 100V TJ = 150C
10EDB10 NIEC-10EDB10 Datasheet
36Kb / 5P
   DIODE - 1A 100V TJ = 150C
logo
Bruckewell Technology L...
BWS-65-40-SA BWTECH-BWS-65-40-SA Datasheet
296Kb / 1P
   65mil 40V Standard VF
logo
Nihon Inter Electronics...
10JDA20 NIEC-10JDA20 Datasheet
40Kb / 5P
   DIDOE - 1A 200V TJ = 150C
30PDA40 NIEC-30PDA40 Datasheet
44Kb / 5P
   DIODE - 3A 400V TJ = 150C
30PDA60 NIEC-30PDA60 Datasheet
42Kb / 5P
   DIODE - 3A 600V TJ = 150C
10DDA60 NIEC-10DDA60 Datasheet
93Kb / 5P
   DIODE - 1A 600V TJ = 150C
10EDB60 NIEC-10EDB60 Datasheet
36Kb / 5P
   DIODE - 1A 600V TJ =150C
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com