Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BWS-97-30-SA Datasheet (PDF) - Bruckewell Technology LTD

BWS-97-30-SA Datasheet PDF - Bruckewell Technology LTD
Part # BWS-97-30-SA
Download  BWS-97-30-SA Download

File Size   303.16 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 97mil 30V Standard Barrier

BWS-97-30-SA Datasheet (PDF)

Go To PDF Page Download Datasheet
BWS-97-30-SA Datasheet PDF - Bruckewell Technology LTD

Part # BWS-97-30-SA
Download  BWS-97-30-SA Click to download

File Size   303.16 Kbytes
Page   1 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 97mil 30V Standard Barrier

BWS-97-30-SA Datasheet (HTML) - Bruckewell Technology LTD

BWS-97-30-SA Datasheet HTML 1Page - Bruckewell Technology LTD



Similar Part No. - BWS-97-30-SA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BWS-93-100-TS5 BWTECH-BWS-93-100-TS5 Datasheet
170Kb / 8P
   93mil 120V Trench Schottky Wafer
BWS-93-120-TS5 BWTECH-BWS-93-120-TS5 Datasheet
170Kb / 8P
   93mil 120V Trench Schottky Wafer
More results


Similar Description - BWS-97-30-SA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EA03 SANKEN-EA03 Datasheet
14Kb / 1P
   Schottky Barrier Diodes 30V
logo
KODENSHI_AUK CORP.
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330-1 KODENSHI-SDB330-1 Datasheet
258Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB330B-1 KODENSHI-SDB330B-1 Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Torex Semiconductor
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
   Schottky Barrier Diode, 2A, 30V Type
logo
Sanyo Semicon Device
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com