Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1001FL Datasheet (PDF) - GOOD-ARK Electronics

RS1001FL Datasheet PDF - GOOD-ARK Electronics
Part # RS1001FL
Download  RS1001FL Download

File Size   371.91 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Fast Recovery Rectifier

RS1001FL Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1001FL Datasheet PDF - GOOD-ARK Electronics

Part # RS1001FL
Download  RS1001FL Click to download

File Size   371.91 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Fast Recovery Rectifier

RS1001FL Datasheet (HTML) - GOOD-ARK Electronics

RS1001FL Datasheet HTML 1Page - GOOD-ARK Electronics RS1001FL Datasheet HTML 2Page - GOOD-ARK Electronics RS1001FL Datasheet HTML 3Page - GOOD-ARK Electronics RS1001FL Datasheet HTML 4Page - GOOD-ARK Electronics

RS1001FL Product details

Features
• Glass passivated Fast Recovery rectifiers
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition




Similar Part No. - RS1001FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1001FL PANJIT-RS1001FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL Datasheet
184Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
YENYO TECHNOLOGY Co., L...
RS1001FL YENYO-RS1001FL Datasheet
205Kb / 2P
   1.0A Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
RS1001FL SUNMATE-RS1001FL Datasheet
313Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Zibo Seno Electronic En...
RS1001FL ZSELEC-RS1001FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Similar Description - RS1001FL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com