Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1117 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ1117 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # CJ1117
Download  CJ1117 Download

File Size   313.11 Kbytes
Page   8 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description 1A LOW DROPOUT LINEAR REGULATOR

CJ1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
CJ1117 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ1117
Download  CJ1117 Click to download

File Size   313.11 Kbytes
Page   8 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description 1A LOW DROPOUT LINEAR REGULATOR

CJ1117 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ1117 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 7Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ1117 Datasheet HTML 8Page - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ1117 Product details

GENERAL DESCRIPTION

The CJ1117 is a series of low dropout three-terminal regulators with a dropout of 1.15V at 1A output current.



FEATURES

•  Low Dropout Voltage: 1.15V at 1A Output Current

•  Trimmed Current Limit

•  On-Chip Thermal Shutdown

•  Three-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5V

•  Operation junction Temperature: 0 ℃to125℃



APPLICATIONS

•  PC Motherboard 

•  LCD Monitor 

•  Graphic Card 

•  DVD-Video player 

•  NIC/Switch

•  Telecom Modem 

•  ADSL Modem

•  Printer and other peripheral Equipment     




Similar Part No. - CJ1117

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CJ1-12GK-N PF-CJ1-12GK-N Datasheet
235Kb / 2P
   Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
   Capacitive sensor
CJ1-12GK-N-5M PF-CJ1-12GK-N-5M Datasheet
241Kb / 2P
   Capacitive sensor
CJ10-30GK-WO PF-CJ10-30GK-WO Datasheet
230Kb / 2P
   Capacitive sensor
CJ10-30GK-WS PF-CJ10-30GK-WS Datasheet
229Kb / 2P
   Capacitive sensor
More results


Similar Description - CJ1117

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com