Electronic Components Datasheet Search |
|
C315C479D2G5TA Datasheet (PDF) - Kemet Corporation |
C315C479D2G5TA Datasheet (PDF) |
Download Datasheet |
Part # | C315C479D2G5TA_16 |
Download | C315C479D2G5TA Click to download |
File Size | 57.04 Kbytes |
Page | 1 Pages |
Manufacturer | KEMET [Kemet Corporation] |
Direct Link | http://www.kemet.com |
Logo | |
Description | Capacitor, ceramic, 4.7 pF, /-0.5pF Tol, 200 V, C0G, Lead Spacing=0.1"||" "923818 |
C315C479D2G5TA Datasheet (HTML) - Kemet Corporation |
Similar Part No. - C315C479D2G5TA_16 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |