Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1308EDL Datasheet (PDF) - Vishay Siliconix

SI1308EDL Datasheet PDF - Vishay Siliconix
Part # SI1308EDL
Download  SI1308EDL Download

File Size   260.51 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) MOSFET

SI1308EDL Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1308EDL Datasheet PDF - Vishay Siliconix

Part # SI1308EDL
Download  SI1308EDL Click to download

File Size   260.51 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 30 V (D-S) MOSFET

SI1308EDL Datasheet (HTML) - Vishay Siliconix

Back Button SI1308EDL Datasheet HTML 1Page - Vishay Siliconix SI1308EDL Datasheet HTML 2Page - Vishay Siliconix SI1308EDL Datasheet HTML 3Page - Vishay Siliconix SI1308EDL Datasheet HTML 4Page - Vishay Siliconix SI1308EDL Datasheet HTML 5Page - Vishay Siliconix SI1308EDL Datasheet HTML 6Page - Vishay Siliconix SI1308EDL Datasheet HTML 7Page - Vishay Siliconix SI1308EDL Datasheet HTML 8Page - Vishay Siliconix SI1308EDL Datasheet HTML 9Page - Vishay Siliconix SI1308EDL Datasheet HTML 10Page - Vishay Siliconix Next Button 

SI1308EDL Product details

• TrenchFET® power MOSFET
• 100 % Rg tested
• Typical ESD performance 1800 V




Similar Part No. - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI1308EDL TFUNK-SI1308EDL Datasheet
256Kb / 11P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1308EDL TECHPUBLIC-SI1308EDL Datasheet
1Mb / 3P
   N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL_V01 Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results


Similar Description - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com