Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1427EDH Datasheet (PDF) - Vishay Siliconix

SI1427EDH Datasheet PDF - Vishay Siliconix
Part # SI1427EDH
Download  SI1427EDH Download

File Size   268.78 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20 V (D-S) MOSFET

SI1427EDH Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1427EDH Datasheet PDF - Vishay Siliconix

Part # SI1427EDH
Download  SI1427EDH Click to download

File Size   268.78 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20 V (D-S) MOSFET

SI1427EDH Datasheet (HTML) - Vishay Siliconix

Back Button SI1427EDH Datasheet HTML 1Page - Vishay Siliconix SI1427EDH Datasheet HTML 2Page - Vishay Siliconix SI1427EDH Datasheet HTML 3Page - Vishay Siliconix SI1427EDH Datasheet HTML 4Page - Vishay Siliconix SI1427EDH Datasheet HTML 5Page - Vishay Siliconix SI1427EDH Datasheet HTML 6Page - Vishay Siliconix SI1427EDH Datasheet HTML 7Page - Vishay Siliconix SI1427EDH Datasheet HTML 8Page - Vishay Siliconix SI1427EDH Datasheet HTML 9Page - Vishay Siliconix SI1427EDH Datasheet HTML 10Page - Vishay Siliconix Next Button 

SI1427EDH Product details

• Halogen-free According to IEC 61249-2-21 Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Typical ESD Performance 2000 V
• Built in ESD Protection with Zener Diode
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI1427EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1427EDH VISHAY-SI1427EDH Datasheet
269Kb / 12P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 14-Mar-11
SI1427EDH VISHAY-SI1427EDH Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI1427EDH VISHAY-SI1427EDH Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1427EDH-T1-GE3 VBSEMI-SI1427EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1427EDH-T1-GE3 VISHAY-SI1427EDH-T1-GE3 Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
09-Jul-2021
More results


Similar Description - SI1427EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com