Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMI85AC-HGK Datasheet (PDF) - Vishay Siliconix

VEMI85AC-HGK Datasheet PDF - Vishay Siliconix
Part # VEMI85AC-HGK
Download  VEMI85AC-HGK Download

File Size   116.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel EMI-Filter with ESD-Protection

VEMI85AC-HGK Datasheet (PDF)

Go To PDF Page Download Datasheet
VEMI85AC-HGK Datasheet PDF - Vishay Siliconix

Part # VEMI85AC-HGK
Download  VEMI85AC-HGK Click to download

File Size   116.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel EMI-Filter with ESD-Protection

VEMI85AC-HGK Datasheet (HTML) - Vishay Siliconix

VEMI85AC-HGK Datasheet HTML 1Page - Vishay Siliconix VEMI85AC-HGK Datasheet HTML 2Page - Vishay Siliconix VEMI85AC-HGK Datasheet HTML 3Page - Vishay Siliconix VEMI85AC-HGK Datasheet HTML 4Page - Vishay Siliconix VEMI85AC-HGK Datasheet HTML 5Page - Vishay Siliconix VEMI85AC-HGK Datasheet HTML 6Page - Vishay Siliconix

VEMI85AC-HGK Product details

• Ultra compact LLP3313-17L package
• Low package profile of 0.6 mm
• 8-channel EMI-filter
• Low leakage current
• Line resistance RS = 100 ohm
• Typical cut off frequency f3dB = 240 MHz
• ESD-protection acc. IEC 61000-4-2
± 10 kV contact discharge
± 12 kV air discharge
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)




Similar Part No. - VEMI85AC-HGK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMI85AC-HGK VISHAY-VEMI85AC-HGK Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK-GS08 VISHAY-VEMI85AC-HGK-GS08 Datasheet
119Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
Rev. 1.6, 18-May-10
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
More results


Similar Description - VEMI85AC-HGK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC VISHAY-VEMI85AC Datasheet
119Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
Rev. 1.6, 18-May-10
VEMI85AAK-HGK VISHAY-VEMI85AAK-HGK Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
Rev. 1.8, 09-Jan-2019
VEMI85AA-HGK VISHAY-VEMI85AA-HGK Datasheet
120Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
Rev. 1.7, 18-May-10
VEMI85AB-HGK VISHAY-VEMI85AB-HGK Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
Rev. 1.5, 18-May-10
VEMI85LA-HGK VISHAY-VEMI85LA-HGK Datasheet
121Kb / 6P
   8-Channel LCR - EMI-Filter with ESD-Protection
Rev. 1.2, 18-May-10
logo
ON Semiconductor
CM1443-08CP ONSEMI-CM1443-08CP_11 Datasheet
478Kb / 10P
   8-Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 3
CM1457 ONSEMI-CM1457_13 Datasheet
191Kb / 7P
   8-Channel EMI Filter Array with ESD Protection
May, 2013 ??Rev. 6
NUF8152MU ONSEMI-NUF8152MU Datasheet
185Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com