Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B120E Datasheet (PDF) - Weitron Technology

B120E Datasheet PDF - Weitron Technology
Part # B120E
Download  B120E Download

File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B120E Datasheet (PDF)

Go To PDF Page Download Datasheet
B120E Datasheet PDF - Weitron Technology

Part # B120E
Download  B120E Click to download

File Size   1202.68 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Reverse Voltage 20 to 200V Forward Current 1.0A

B120E Datasheet (HTML) - Weitron Technology

B120E Datasheet HTML 1Page - Weitron Technology B120E Datasheet HTML 2Page - Weitron Technology B120E Datasheet HTML 3Page - Weitron Technology B120E Datasheet HTML 4Page - Weitron Technology B120E Datasheet HTML 5Page - Weitron Technology

B120E Product details

Reverse Voltage 20 to 200V Forward Current 1.0A

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed: 260°C/10 seconds at terminals




Similar Part No. - B120E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120 DIODES-B120 Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Shenzhen Luguang Electr...
B120 LUGUANG-B120 Datasheet
180Kb / 2P
   Schottky Barrier Rectifiers
logo
Fuji Electric
B120 FUJI-B120 Datasheet
648Kb / 1P
   1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Linear Technology
B120 LINER-B120 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Weitron Technology
B120 WEITRON-B120 Datasheet
213Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - B120E

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com