Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM9124 Datasheet (PDF) - SG Micro Corp

SGM9124 Datasheet PDF - SG Micro Corp
Part # SGM9124
Download  SGM9124 Download

File Size   290.84 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 4-Channel, 5th-Order, Standard Definition Video Filter Driver

SGM9124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM9124 Datasheet PDF - SG Micro Corp

Part # SGM9124
Download  SGM9124 Click to download

File Size   290.84 Kbytes
Page   10 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 4-Channel, 5th-Order, Standard Definition Video Filter Driver

SGM9124 Datasheet (HTML) - SG Micro Corp

SGM9124 Datasheet HTML 1Page - SG Micro Corp SGM9124 Datasheet HTML 2Page - SG Micro Corp SGM9124 Datasheet HTML 3Page - SG Micro Corp SGM9124 Datasheet HTML 4Page - SG Micro Corp SGM9124 Datasheet HTML 5Page - SG Micro Corp SGM9124 Datasheet HTML 6Page - SG Micro Corp SGM9124 Datasheet HTML 7Page - SG Micro Corp SGM9124 Datasheet HTML 8Page - SG Micro Corp SGM9124 Datasheet HTML 9Page - SG Micro Corp SGM9124 Datasheet HTML 10Page - SG Micro Corp

SGM9124 Product details

PRODUCT DESCRIPTION
The SGM9124 is a low voltage, 4-channel video
amplifier with integrated reconstruction filters and input
clamps. Specially suited for standard definition video
signals, this device is ideal for a wide range of
television and set-top box applications.
SGM9124 offers 6dB gain rail-to-rail output driver and
5th-order output reconstruction filter on all four
channels. It has 8MHz -3dB bandwidth and 35V/µs
slew rate. SGM9124 provides improved image quality
compared with passive LC filters and discrete drivers
solution. Operating from single power supply ranging
from 3.3V to 5.5V and sinking an ultra-low 30mA
quiescent current, the SGM9124 is ideally suited for
battery powered applications.
SGM9124 can be DC-coupled or AC-coupled with input
video signal, such as the output stage of DAC to
eliminate out-of-band noise. The output in SGM9124
can be configured as DC- or AC-coupled output.
The SGM9124 is available in Green MSOP-10 package.
It operates over an ambient temperature range of -40℃
to +85℃.

FEATURES
 4-Channel 5th-Order 8MHz (SD) Filters
 Transparent Input Clamping
 6dB Output Driver Gain
 Rail-to-Rail Output
 Input Voltage Range Includes Ground
 AC- or DC-Coupled Inputs
 AC- or DC-Coupled Outputs
 Operates from 3.3V to 5.5V Power Supply
 Low Power (7.5mA/Channel)
30mA Total Supply Current
 Available in Green MSOP-10 Package
 -40℃ to +85℃ Operating Temperature Range

APPLICATIONS
-Cable and Satellite Set-Top Boxes
-Video Amplifiers
-Communication Devices
-Portable and Handheld Products
-Personal Video Recorders
-Video on Demand
-DVD Players
-HDTVs




Similar Part No. - SGM9124

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
SGM9121YC6G/TR SGMICRO-SGM9121YC6G/TR Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122YTS8/TR SGMICRO-SGM9122YTS8/TR Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
More results


Similar Description - SGM9124

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
logo
SG Micro Corp
SGM9148 SGMICRO-SGM9148 Datasheet
431Kb / 10P
   5th-Order Video Driver
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6141 FAIRCHILD-FMS6141_06 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6141 FAIRCHILD-FMS6141 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com