Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44N Datasheet (PDF) - First Components International

IRFZ44N Datasheet PDF - First Components International
Part # IRFZ44N
Download  IRFZ44N Download

File Size   154.74 Kbytes
Page   5 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 55A 50V N CHANNEL POWER MOSFET

IRFZ44N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ44N Datasheet PDF - First Components International

Part # IRFZ44N
Download  IRFZ44N Click to download

File Size   154.74 Kbytes
Page   5 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 55A 50V N CHANNEL POWER MOSFET

IRFZ44N Datasheet (HTML) - First Components International

IRFZ44N Datasheet HTML 1Page - First Components International IRFZ44N Datasheet HTML 2Page - First Components International IRFZ44N Datasheet HTML 3Page - First Components International IRFZ44N Datasheet HTML 4Page - First Components International IRFZ44N Datasheet HTML 5Page - First Components International

IRFZ44N Product details

FEATURES
◆ Ultra Low ON Resistance
◆ Low Gate Charge
◆ Dynamic dv/dt Rating
◆ Inductive Switching Curves
◆ Peak Current vs Pulse Width Curve

APPLICATION
◆ Buck Converter High Side Switch
◆ DC motor control , Ups ...etc , & other Application




Similar Part No. - IRFZ44N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
International Rectifier
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
logo
TRANSYS Electronics Lim...
IRFZ44N TEL-IRFZ44N Datasheet
141Kb / 1P
   Power MOSFET
logo
Suntac Electronic Corp.
IRFZ44N SUNTAC-IRFZ44N Datasheet
150Kb / 5P
   N-CHANNEL Power MOSFET
logo
Inchange Semiconductor ...
IRFZ44N ISC-IRFZ44N Datasheet
121Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - IRFZ44N

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FQP55N10 THINKISEMI-FQP55N10 Datasheet
1Mb / 7P
   55A,100V Heatsink Planar N-Channel Power MOSFET
logo
Unisonic Technologies
UT3006 UTC-UT3006 Datasheet
136Kb / 3P
   55A, 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
STMicroelectronics
STW55NE10 STMICROELECTRONICS-STW55NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.021ohm - 55A - TO247 STripFET POWER MOSFET
logo
Unisonic Technologies
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
   100A, 50V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
   POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
BSS138W AITSEMI-BSS138W Datasheet
546Kb / 7P
   POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
BSS139W AITSEMI-BSS139W Datasheet
641Kb / 6P
   POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
BSS139D AITSEMI-BSS139D Datasheet
645Kb / 6P
   POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
logo
Unisonic Technologies
BSS139Z UTC-BSS139Z Datasheet
137Kb / 3P
   0.2A, 50V N-CHANNEL POWER MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com