Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB151 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

DB151 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # DB151
Download  DB151 Download

File Size   349.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers

DB151 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB151 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # DB151
Download  DB151 Click to download

File Size   349.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 50V~1000 V, 1.5 A Surface Mount Bridge Rectifiers

DB151 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

DB151 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB151 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - DB151

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB151 SY-DB151 Datasheet
172Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
DB151 SURGE-DB151 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rugao Dachang Electroni...
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
Diode Semiconductor Kor...
DB151 DSK-DB151 Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Suntan Capacitors
DB151 SUNTAN-DB151 Datasheet
235Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results


Similar Description - DB151

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MD151S SECOS-MD151S Datasheet
384Kb / 2P
   Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501 Datasheet
729Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
   1.5 Amp Surface Mount Bridge Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
   Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
KBP1005G SECOS-KBP1005G Datasheet
207Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
   SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com