Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S210F Datasheet (PDF) - Yangzhou yangjie electronic co., ltd

S210F Datasheet PDF - Yangzhou yangjie electronic co., ltd
Part # S210F
Download  S210F Download

File Size   104.99 Kbytes
Page   2 Pages
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd
Description Schottky Rectifier

S210F Datasheet (PDF)

Go To PDF Page Download Datasheet
S210F Datasheet PDF - Yangzhou yangjie electronic co., ltd

Part # S210F
Download  S210F Click to download

File Size   104.99 Kbytes
Page   2 Pages
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd
Description Schottky Rectifier

S210F Datasheet (HTML) - Yangzhou yangjie electronic co., ltd

S210F Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd S210F Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd

S210F Product details

■ Features
● Io 2.0A
● VRRM 20V~200V
● Low VF, Low power loss
● High surge forward current capability

■ Applications
● Rectifier




Similar Part No. - S210F

ManufacturerPart #DatasheetDescription
logo
RFE international
S210F RFE-S210F Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-09-2022
logo
ON Semiconductor
S210FA ONSEMI-S210FA Datasheet
145Kb / 6P
   Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
More results


Similar Description - S210F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com